PART |
Description |
Maker |
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
STM32F101T8U6TR STM32F101VBT6 STM32F101VBT6TR STM3 |
Mainstream Access line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 36 MHz CPU Mainstream Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 36 MHz CPU
|
ST Microelectronics
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
STM8S208KBT3 STM8S208R8T3B STM8S208R8T6C STM8S208R |
Mainstream Performance line 8-bit MCU with 128 Kbyes Flash, 24 MHz CPU, integrated EEPROM Mainstream Performance line 8-bit MCU with 12 Kbytes Flash, 24 MHz CPU, integrated EEPROM Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash Mainstream Performance line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Mainstream Performance line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
STMicroelectronics ST Microelectronics
|
STM32F100C4H6B STM32F100C4H6BTR STM32F100C4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
STM32F101X410 STM32F101X610 |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
|
STMicroelectronics
|
STM32F103XC STM32F103RC STM32F103RD STM32F103RE ST |
Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
|
STMicroelectronics
|
STM32F103R4 STM32F103R4T6ATR STM32F103R4T6AXXX STM |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, QCC36 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F103T6T7ATR STM32F103T6H6AXXX STM32F103T4U6AT |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F103T8U7 STM32F103V8 STM32F103RB |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
STMicroelectronics
|
STM32F101VBT6TR STM32F101VBT6XXX STM32F101T8T6XXX |
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
|
STMicroelectronics
|
MF1PLUSX0Y1 |
Mainstream contactless smart card IC
|
NXP Semiconductors
|
|